Part Number Hot Search : 
IRFM150 BCM56580 SMBJ2 H21A3 0F201 PMD16K60 MPC9990 20N60F
Product Description
Full Text Search
 

To Download TIP32CG-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co.,ltd tip32c pnp silicon transistor www.unisonic.com.tw 1 of 3 copyright ? 2009 unisonic technologies co.,ltd qw-r209-017,c ? ordering information ordering number pin assignment normal lead free halogen free package 1 2 3 packing tip32c-ta3-t tip32cl-ta3-t TIP32CG-TA3-T to-220 b c e tube tip32c-tn3-r tip32cl-tn3-r tip32cg-tn3-r to-252 b c e tape reel pnp expitaxial planar transistor ? description the utc tip32c is a pnp epitaxial planar transistor, designed for using in general purpose amplifier and switching applications. ? features * complement to tip31c lead-free: tip32cl halogen-free: tip32cg
tip32c pnp silicon transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r209-017,c ? absoluate maxium ratings (ta = 25c) parameter symbol ratings unit collector-base voltage v cbo -100 v emitter-base voltage v ebo -5 v dc i c -3 a collector current pulse i cm -5 a base current i b -1 a to-220 2 w power dissipation to-252 p d 1 w junction temperature t j +150 c storage temperature t stg -40 ~ +150 c note: absolute maximum ratings are those values be yond which the device coul d be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (ta= 25c, unless otherwise specified.) parameter symbol test conditions min typ max unit collector emitter sustaining voltage (note) bv ceo i c =-30ma,i b =0 -100 v collector cutoff current i ces v ce =-100v, v be =0 -200 a collector cutoff current i ceo v ce =-60v, i b =0 -0.3 ma emitter cutoff current i ebo v be =-5v, i c =0 -1 ma collector-emitter sa turation voltage (note) v ce(sat) i c =-3a, i b =-375ma -1.2 v base-emitter on voltage* v be(on) i c =-3a, v ce =-4a -1.8 v i c =-1a, v ce =-4v 25 dc current gain (note) h fe i c =-3a, v ce =-4v 10 50 current gain bandwidth product f t i c =-0.5a,v ce =-10v, f=1mhz 3 mhz note: pulse test: pw 300 s, duty cyle 2%
tip32c pnp silicon transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r209-017,c ? typical characterics saturation voltage vs. collector current -1 -3 -5 -10 -30-50-100 -300 -1000 -3000-10000 -30 -50 -100 -300 -500 -1000 -3000 -5000 -10000 -10 i c =10i b v be(sat) v ce(sat) -4.5 -10 -30 -50 -100 -300 collector-emitter voltage v ce (v) -0.1 -0.3 -0.5 -1.0 -3.0 -5.0 -10 1 0 s sage operating area collector current , i c (ma) i c max. (pulse) tip32c v ceo max. power derating 0 50 100 150 200 0 10 20 30 40 case temperature, t c (c) -1 -3 -5 -10 -30-50 -100 -300 -1000 -3000 -10000 3 5 10 30 50 100 300 500 1000 dc current gain v ce =-4v collector current , i c (ma) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of TIP32CG-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X